Part Number Hot Search : 
A24CA P485EE 860BIV96 ZQ3500 5D100 SB630FCT ADG509 C1514
Product Description
Full Text Search
 

To Download HDM16216L-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM16216L-C
Dimensional Drawing
71.30.5 4-O2.5 8.0 P2.54X(16-1)=38.1 16-O1.0 2.5 2.5 2.5 0.50 2.78 0.07
16 Character x 2 Lines LED Backlight, Short Length PCB
0.75
15.50.1
.53 10.980.1 16.0 26.4
36.00.5
31.0
4.89
0.07
55.730.1 62.0 MAX 14.5 1.2
Dimension tolerance: +/-0.3mm
Features Character Format .......................................5x7 Dots with Cursor Backlight...............................................................................LED Options..........Gray STN/Yellow STN, 12 o'Clock/6 o'Clock View Normal/Extended Temperature Normal/Negative Displays Physical Data Module Size......................................71.5W x 36.0H x 14.5T mm Viewing Area Size.........................................62.0W x 16.0H mm Weight...................................................................................35g
Block Diagram
1.6
D0 - D7
LCD COM 1 - 16
E R/W RS VL VDD VSS K A
LCD PANEL
CONTROLLER HD44780 or EQUIVALENT 4 DRIVER SEG 40 40
LED BACKLIGHT
RESISTOR SUPPLIED BY USER
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VL VIN TOP TSTG 0 -0.3 0 -20 MIN -0.3 MAX 6.5 13.5 VDD 50 70 UNIT V V V C C
Pin Connections
PIN NO. 1 2 3 4 5 SYMBOL VSS VDD VL RS R/W E D0 D1 D2 D3 D4 D5 D6 D7 A K H/L H/L H,HL H/L H/L H/L H/L H/L H/L H/L H/L Anode for backlight Cathode for backlight Data Bus LEVEL 0V 5V H: Data input L: Instruction data input H: Data read L: Data write Enable signal Power Supply FUNCTION
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE POWER SUPPLY CURRENT POWER SUPPLY FOR LCD LED FORWARD VOLTAGE DRIVE METHOD SYM VIH VIL VOH VOL IDD VDD-VL VF CONDITION IOH=0.2mA IOL=1.2mA VDD=5.0V TA=25C IF=170 MIN 2.2 2.4 4.3 3.9 1/16 Duty TYP 4.8 4.1 MAX .06 0.4 2.8 4.5 UNIT V V V V mA V V
6 7 8 9 10 11 12 13 14 15 16
Page 60


▲Up To Search▲   

 
Price & Availability of HDM16216L-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X